PART |
Description |
Maker |
150079 150215 150261 150309 155004ZXA F4568-ND 155 |
Fuse Holder; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes For Low Voltage 3AG or SFE Fuse Applications
|
Littelfuse, Inc.
|
A7OQS100-4 A7OQS125-4 A7OQS125-4K A7OQS150-4 A7OQS |
ELECTRIC FUSE, 100A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 150A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 175A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 300A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 35A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 450A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 500A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 60A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER
|
Mersen
|
170M3171 170M4066 170M3216 170M3214 170M3019 170M6 |
ELECTRIC FUSE, 500A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 630A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 160A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 800A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 80A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
CC1051CPGRB20X127/12D100GRB012VI CC1051CPGRB20X127 |
ELECTRIC FUSE, 12A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 8A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 32A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 25A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 16A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 10A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 63A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 20A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 6A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 40A, 1000VDC, INLINE/HOLDER
|
Mersen
|
BCW33LR BCW32LR BCW33RL BCW60A |
NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AA FUSE 100A 32V MIDI BOLT-ON Fuse Holder; Mounting Type:PC Board; Body Material:Phenolic; Contact Plating:Tin; Current Rating:20A; Leaded Process Compatible:Yes; Voltage Rating:125V SMALL SIGNAL TRANSISTOR, TO-236AB
|
VISHAY SPRAGUE
|
BCM0505-FEC BCE0808-FEC BCM0606-FEC BCM0404-FEC |
Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes CONNECTOR 32MM/M32 CONDUIT CONNECTOR 20MM CONDUIT CONNECTOR 25MM 导管连接5毫米
|
Maxim Integrated Products, Inc.
|
70AAJ-6-M0G 70AAJ-5-M0 70AAJ-2-M0G 70AAJ-3-M0G |
Modular Contacts 2.54mm 6Pin Male Standard Pins PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Battery Holder; Leaded Process Compatible:Yes RoHS Compliant: Yes Modular Contacts 2.54mm 3Pin Male Standard Pins
|
Bourns, Inc. BOURNS INC
|
BCX71JL BCX71GL |
Cartridge Fuse; Current Rating:62.5mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:31.75mm RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Vitesse Semiconductor, Corp.
|
LPS-RK-45SP LPS-RK-15SP LPS-RK-2-1/2SP LPS-RK-4/10 |
TIME DELAY BLOW ELECTRIC FUSE, 45A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 15A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 0.4A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.6A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 4.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 12A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.8A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 0.3A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 30A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.8A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 10A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 3.2A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.4A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 40A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 20A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 3.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.25A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.125A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
BK/PCB-2-1/2 BK/PCB-1-1/2 PCD-5 PCE-5 |
FUSE 2-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 1-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 1.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE PC Board Fuse; Leaded Process Compatible:No; Fuse Type:Fast Acting; Peak Reflow Compatible (260 C):No; Series:PC-Tron ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
170M4418 170M3464 170M3458 M5468 170M5463 |
ELECTRIC FUSE, 800A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 160A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 1250A, 700VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 700A, 700VAC, 200000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
BU17-100SE BBU17-10E BBU38-100E |
SLOW BLOW ELECTRIC FUSE, 100A, 17000VAC, 14000A (IR), INLINE/HOLDER ELECTRIC FUSE, 10A, 17000VAC, 14000A (IR), INLINE/HOLDER ELECTRIC FUSE, 100A, 38000VAC, 38000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
|